|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET dbook, halfpage M3D302 PIMH9 NPN resistor-equipped double transistor; R1 = 10 k, R2 = 47 k Product specification 2001 Sep 13 Philips Semiconductors Product specification NPN resistor-equipped double transistor; R1 = 10 k, R2 = 47 k FEATURES * Transistors with built-in bias resistors (R1 typ. 10 k and R2 typ. 47 k) * No mutual interference between the transistors * Simplification of circuit design * Reduces number of components and board space. APPLICATIONS * General purpose switching and amplification * Inverter and interface circuits * Circuit driver. DESCRIPTION NPN resistor-equipped double transistor in an SC-74 (SOT457) plastic package. MARKING TYPE NUMBER PIMH9 PINNING PIN 1, 4 2, 5 6, 3 emitter base collector DESCRIPTION TR1; TR2 TR1; TR2 MBK120 PIMH9 QUICK REFERENCE DATA SYMBOL VCEO ICM R1 R2 PARAMETER collector-emitter voltage peak collector current bias resistor bias resistor MAX. 50 100 10 47 UNIT V mA k k handbook, halfpage 6 5 4 6 5 4 R1 TR1 R2 R1 R2 TR2 1 Top view 2 3 1 2 3 MAM449 MARKING CODE H9 Fig.1 Simplified outline (SC-74; SOT457) and symbol. 2, 5 1, 4 6, 3 TR1; TR2 Fig.2 Equivalent inverter symbol. 2001 Sep 13 2 Philips Semiconductors Product specification NPN resistor-equipped double transistor; R1 = 10 k, R2 = 47 k LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL Per transistor VCBO VCEO VEBO VI collector-base voltage collector-emitter voltage emitter-base voltage input voltage positive negative IO ICM Ptot Tstg Tj Tamb Per device Ptot Note total power dissipation Tamb 25 C; note 1 - 600 output current (DC) peak collector current total power dissipation storage temperature junction temperature operating ambient temperature Tamb 25 C; note 1 - - - - - -65 - -65 +40 -10 100 100 300 +150 150 +150 open emitter open base open collector - - - 50 50 10 PARAMETER CONDITIONS MIN. MAX. PIMH9 UNIT V V V V V mA mA mW C C C mW 1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2. THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2. PARAMETER thermal resistance from junction to ambient CONDITIONS note 1 VALUE 208 UNIT K/W 2001 Sep 13 3 Philips Semiconductors Product specification NPN resistor-equipped double transistor; R1 = 10 k, R2 = 47 k CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL Per transistor ICBO ICEO IEBO hFE VCEsat Vi(off) Vi(on) R1 R2 ------R1 Cc collector-base cut-off current collector-emitter cut-off current emitter-base cut-off current DC current gain saturation voltage input off voltage input on voltage input resistor resistor ratio collector capacitance IE = ie = 0; VCB = 10 V; f = 1 MHz VCB = 50 V; IE = 0 VCE = 50 V; IB = 0 VCE = 30 V; IB = 0; Tj = 150 C VEB = 5 V; IC = 0 VCE = 5 V; IC = 5 mA IC = 5 mA; IB = 0.25 mA VCE = 5 V; IC = 100 A VCE = 0.3 V; IC = 1 mA - - - - 100 - - 1.4 7 3.7 - - - - - - - 0.7 0.8 10 4.7 - PARAMETER CONDITIONS MIN. TYP. PIMH9 MAX. UNIT 100 1 50 150 - 100 0.5 - 13 5.7 2.5 nA A A A mV V V k pF 2001 Sep 13 4 Philips Semiconductors Product specification NPN resistor-equipped double transistor; R1 = 10 k, R2 = 47 k PACKAGE OUTLINE Plastic surface mounted package; 6 leads PIMH9 SOT457 D B E A X y HE vMA 6 5 4 Q pin 1 index A A1 c 1 2 3 Lp e bp wM B detail X 0 1 scale 2 mm DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.1 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1 OUTLINE VERSION SOT457 REFERENCES IEC JEDEC EIAJ SC-74 EUROPEAN PROJECTION ISSUE DATE 97-02-28 01-05-04 2001 Sep 13 5 Philips Semiconductors Product specification NPN resistor-equipped double transistor; R1 = 10 k, R2 = 47 k DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS PIMH9 This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A. Preliminary data Qualification Product data Production Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. 2001 Sep 13 6 Philips Semiconductors Product specification NPN resistor-equipped double transistor; R1 = 10 k, R2 = 47 k NOTES PIMH9 2001 Sep 13 7 Philips Semiconductors - a worldwide company Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com. (c) Koninklijke Philips Electronics N.V. 2001 SCA73 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 613514/01/pp8 Date of release: 2001 Sep 13 Document order number: 9397 750 08539 |
Price & Availability of PIMH9 |